Part Number Hot Search : 
VNV14N04 FLZ4V3B SSOB002V UC843B 0V8X1 A2400 ICM7226B 05100
Product Description
Full Text Search
 

To Download AD8210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Technical Data
FEATURES
With no external resistors: Difference Amplifier: Gains: 0.5, 1, 2 Inverting Amplifier: Gains: 0.5, 1, 2 Noninverting Amplifier: Gains: 1.5, 2, 3 Set reference voltage at 0, +Vs/2, or +Vs Excellent AC Specifications 10 MHz bandwidth 30V/s slew rate Low Distortion -90 dBc @ 100 kHz, 20Vpp, 600 load High Accuracy DC Performance 0.05% gain accuracy 10 ppm gain drift 400 uV offset voltage 80 dB CMRR Two channels in small 4 mm x 4 mm LFCSP Supply current: 2.5 mA per channel Supply range: 2.5 V to 18 V
Precision, Dual-Channel Difference Amplifier AD8270
FUNCTIONAL BLOCK DIAGRAM
OUT1 OUT2
14
+VS
16
15
13
AD8270
-IN1 1 -IN1 2 +IN1 3 +IN1 4
10k 10k 10k 10k 10k 10k 10k 10k 10k
-VS
12 -IN2
10k
11 -IN2 10 +IN2 9 +IN2
20k
20k
20k
20k
5
6
7
8
REF1
REF1
REF2
Figure 1. AD8270 Dual Difference Amplifier
Table 1. Difference Amplifiers by Category
APPLICATIONS
Instrumentation Amplifier Building Block Level Translator Automatic Test Equipment High Performance Audio Sin/Cos Encoders
Low Distortion AD8270 AD8273 AMP03
High Voltage AD628 AD629 AD8212
Single Supply Uni-directional AD8202 AD8203
REF2
Single Supply Bi-directional AD8205 AD8206 AD8210
GENERAL DESCRIPTION
The AD8270 is a low distortion, dual-channel amplifier with internal gain setting resistors. With no external components, it can be configured as a high performance difference amplifier (G=0.5, 1, or 2), inverting amplifier (G=0.5, 1, or 2) or noninverting amplifier (G=1.5, 2, or 3). The AD8270 is the first dual difference amplifier in the small 4 mm x 4mm LFCSP. It requires the same board area as a typical single difference amplifier. The smaller package allows a 2X increase in channel density and a lower cost per channel, all with no compromise in performance. The AD8270 operates on both single and dual supplies and only requires 2.5 mA maximum supply current for both amplifiers. It is specified over the industrial temperature range of -40C to +85C and is fully RoHS compliant.
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2007 Analog Devices, Inc. All rights reserved.
AD8270 SPECIFICATIONS
VS = 15 V, VREF = 0 V, TA = 25C, G = 1, RL = 2 k, unless otherwise noted. Table 2.
Parameter DYNAMIC PERFORMANCE Bandwidth Slew Rate Settling Time to 0.01% Settling Time to 0.001% NOISE/DISTORTION Harmonic Distortion Conditions Min G = 1/2 Typ Max 15 30 700 800 Min
Preliminary Technical Data
G=1 Typ 10 30 800 900
Max
Min
G=2 Typ 5 30 850 950
Max
Unit MHz V/s ns ns
10V Step on output 10V Step on output
Output Voltage Noise (referred to input)
f = 1 kHz, VOUT= 20 Vpp f = 10 kHz, VOUT= 20 Vpp f = 100 kHz, VOUT= 20 Vpp f = 0.1 Hz to 10 Hz f = 1 kHz
100 100 90
100 100 90
100 100 90
dBc dBc dBc V p-p nV/Hz
45
30
16
GAIN Gain Error Gain Drift Gain Nonlinearity INPUT CHARACTERISTICS Offset Overtemperature Drift Common Mode Rejection Ratio Power Supply Rejection Ratio Input Voltage Range Impedance Differential Common Mode OUTPUT CHARACTERISTICS Output Swing -40C1 10
0.05 10 40
1 10
0.05 10 40
1 10
0.05 10 40
% ppm/C ppm
100 2 94
400 8 80
100 2 100
400 8 86
100 2 106
400 8
DC to 10 kHz DC to 10 kHz
74
V V V/C dB dB
-15.4 20 7.5
15.4
-15.4 20 10
15.4
-15.4 10 7.5
15.4
V k k
-13.5 -13 60
-13.5 -13 60
-13.5 -13 60
V V mA
2.5 3
3 4
2.5 3
3 4
2.5 3
3 4
mA mA
Rev. PrA | Page 2 of 4
Preliminary Technical Data
AD
Rev. PrA | Page 3 of 4
AD8222 OUTLINE DIMENSIONS
4.00 BSC SQ 0.60 MAX
12 13
Preliminary Technical Data
0.50 0.40 0.30
PIN 1 INDICATOR
16
1
PIN 1 INDICATOR
3.75 BSC SQ 0.65 BSC TOP VIEW
9
EXPOSED PAD
4 8 5
2.65 2.50 SQ 2.35 0.25 MIN
1.95 BCS 0.80 MAX 0.65 TYP BOT TOM VIEW
COMPLIANT TO JEDEC STANDARDS MO-220-VGGC.
Figure 2. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ] 4 mm x 4 mm Body, Very Thin Quad (CP-16-13) Dimensions are shown in millimeters
(c)2007 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. PR06979-0-8/07(PrA)
Rev. PrA | Page 4 of 4
031006-A
12 MAX 1.00 0.85 0.80 SEATING 0.30 PLANE 0.23 0.18
0.05 MAX 0.02 NOM COPLANARITY 0.20 REF 0.08


▲Up To Search▲   

 
Price & Availability of AD8210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X